Part Number Hot Search : 
23N10 MAX4538 E205DRDA 6DQ6B 71ACA BAT6407 CM10EX PS2654L2
Product Description
Full Text Search
 

To Download KSC2233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC2233
KSC2233
B/W TV Horizontal Deflection Output
* Collector-Base Voltage : VCBO = 200V * Collector Current (DC) : IC = 4A * Collector Dissipation : PC = 40W
1
TO-220 2.Collector 3.Emitter
1.Base
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Dissipation (TC=25C) Junction Temperature Storage Temperature Value 200 60 5 4 40 150 -55 ~ +150 Units V V V A W C C
Electrical Characteristics TC=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO hFE1 hFE2 VCE(sat) VBE(sat) fT Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Test Condition IC = 1mA, IE = 0 IC = 20mA, IB =0 IE = 1mA, IC = 0 VCB = 170V, IE = 0 VCE = 5V, IC = 1A VCE = 5V, IC = 4A IC = 4A, IB = 0.4A IC = 4A, IB = 0.4A VCE = 5V, IC = 0.5A 10 30 20 40 1 1.5 V V MHz Min. 200 60 5 10 150 Typ. Max. Units V V V A
(c)2000 Fairchild Semiconductor International
Rev. A, February 2000
KSC2233
Typical Characteristics
5
VCE = 5V
IC[A], COLLECTOR CURRENT
4
3
IB = 30 mA IB = 25 mA
2
IB = 20 mA IB = 15 mA
hFE, DC CURRENT GAIN
IB = 50 mA IB = 45 mA IB = 40 mA IB = 35 mA
1000
100
1
IB = 10 mA IB = 5 mA
0 0 4 8 12 16 20
10 0.01
0.1
1
10
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
1000
IC = 10 IB
f = 1 MHz IE=0
1
V BE(sat)
COB(pF), CAPACITANCE
0.1 1 10
100
0.1
V CE(sat)
0.01 0.01
10 1 10 100
IC[A], COLLECTOR CURRENT
VCB[V], COLLECTOR BASE VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
10
80
IC[A], COLLECTOR CURRENT
Thermal limitation *200ms
*10ms
PD[W], POWER DISSIPATION
S/B limitation
60
1
40
S/B limitation
o
20
1. T=25 C 2. *Single pulse
0.1 10 100
0 0 25
o
50
75
100
125
150
V CE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2000 Fairchild Semiconductor International
Rev. A, February 2000
KSC2233
Package Demensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2000 Fairchild Semiconductor International Rev. A, February 2000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2000 Fairchild Semiconductor International
Rev. E


▲Up To Search▲   

 
Price & Availability of KSC2233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X